Part Number Hot Search : 
DTC114Y FDD26AN LBC848 TC1226 123BF IP117 ACTR550 KDZ33V
Product Description
Full Text Search
 

To Download AP1117DXXL-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Features
* * * * * * * * * 1.4V Maximum Dropout at Full Load Current Fast Transient Response Output Current Limiting Built-in Thermal Shutdown Good Noise Rejection 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V, 5.0V Lead Free Packages: SOT223-3L, TO252-3L, SOT89-3L, TO263-3L and TO220-3L SOT223-3L, TO252-3L, SOT89-3L, TO263-3L and TO220-3L: Available in "Green" Molding Compound (No Br, Sb) Lead Free Finish/RoHS Compliant (Note 1)
General Description
AP1117 is a low dropout positive adjustable or fixed-mode regulator with 1A output current capability. The product is voltage specifically designed to provide well-regulated supply for low IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1117 is also well suited for other applications such as VGA cards. AP1117 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 18V input supply. AP1117 is available in commercial temperature grade.
Applications
* * PC Peripheral Communication
Typical Application Circuit
5V C1 10uF VIN VOUT GND Tab is VOUT C2 22uF 3.3V/1A VIN VOUT Adj Tab is VOUT R1 121 R2 121 Vo 2.5V/1A 5V C1 10uF
C2 22uF
( 5V/3.3V fixed output )
( 5V/2.5V ADJ output )
Note:
Vo = VREF x (1 +
R2 ) R1
AP1117 Rev. 19 DS31009
1 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Ordering Information
A P 1 1 1 7 X XX X - X Package D : TO252-3L E : SOT223-3L K : TO263-3L T : TO220-3L Y : SOT89-3L Vout Blank : Adj 15 : 1.5V 18 : 1.8V 25 : 2.5V 33 : 3.3V 50 : 5.0V
Packaging (Note 2) TO252-3L TO252-3L SOT223-3L SOT223-3L TO263-3L TO263-3L TO220-3L TO220-3L SOT89-3L SOT89-3L
Lead Free L : Lead Free G : Green
Packing U : Tube 13 : Tape & Reel
Device AP1117DXXL-13 AP1117DXXG-13 AP1117EXXL-13 AP1117EXXG-13 AP1117KXXL-13 AP1117KXXG-13 AP1117TXXL-U AP1117TXXG-U AP1117YXXL-13 AP1117YXXG-13
Notes:
Package Code D D E E K K T T Y Y
Tube Part Number Quantity Suffix NA NA NA NA NA NA NA NA NA NA NA NA 50 -U 50 -U NA NA NA NA
13" Tape and Reel Part Number Quantity Suffix 2500/Tape & Reel -13 2500/Tape & Reel -13 2500/Tape & Reel -13 2500/Tape & Reel -13 800/Tape & Reel -13 800/Tape & Reel -13 NA NA NA NA 2500/Tape & Reel -13 2500/Tape & Reel -13
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html. 2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
AP1117 Rev. 19 DS31009
2 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Pin Assignments
(1) SOT89-3L (2) SOT223-3L
( Top View ) 3 2 1 Tab is VOUT
(3) TO220-3L
( Top View )
VIN VOUT Adj (GND)
3 2 1 Tab is VOUT
(4) TO252-3L and TO263-3L
( Top View )
VIN VOUT Adj (GND)
( Front View )
3
VIN
3 2 1 Tab is VOUT
VIN VOUT Adj (GND)
2 VOUT
1 Tab is VOUT
Adj (GND)
Pin Descriptions
Pin Name Adj (GND) VOUT I/O I O PIN # 1 2 Description A resistor divider from this pin to the VOUT pin and ground sets the output voltage (Ground only for Fixed-Mode). The output of the regulator. A minimum of 10uF capacitor (0.15 ESR 20) must be connected from this pin to ground to insure stability. The input pin of regulator. Typically a large storage capacitor is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.3V higher than VOUT in order for the device to regulate properly.
VIN
I
3
AP1117 Rev. 19 DS31009
3 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Block Diagram
VIN
3
2
VOUT
+ +
1.25V CURRENT LIMIT
+
1
Thermal Shutdown
Absolute Maximum Ratings
Symbol VIN TMJ Parameter DC Supply Voltage Maximum Junction Temperature Power Dissipation SOT89-3L SOT223-3L TO220-3L TO252-3L TO263-3L Storage Temperature Rating -0.3 to 18 150 Unit V oC
PD
Internally limited by maximum junction temperature of 150 oC (Note 3)
-
TST
Notes:
3. AP1117 contains an internal thermal limiting circuit that is designed to protect the regulator in the event that the maximum junction temperature exceeded. When activated, typically at 150C, the regulator output switches off and then back on as the die cools.
Recommended Operating Conditions
Symbol TOP Parameter Operating Junction Temperature Range Min 0 Max 125 Unit oC
AP1117 Rev. 19 DS31009
4 of 12 www.diodes.com
+
GND (FIXED)
1
Adj
mW
-65 to +150
oC
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Electrical Characteristics
Parameter
Reference Voltage AP1117-ADJ AP1117-1.5 AP1117-1.8 Output Voltage AP1117-2.5 AP1117-3.3 AP1117-5.0 Line Regulation AP1117-XXX AP1117-ADJ AP1117-1.5 AP1117-1.8 Load Regulation AP1117-2.5 AP1117-3.3 AP1117-5.0 Dropout Voltage (VIN-VOUT) Current Limit Minimum Load Current (Note 6) Thermal Regulation Ripple Rejection Temperature Stability
(Under Operating Conditions)
Conditions
TA = 25 C, (VIN-OUT) = 1.5V IO = 10mA o IOUT = 10mA, TA = 25 C, 3VVIN12V IOUT = 10mA, TA = 25 C, 3.3VVIN12V IOUT = 10mA, TA = 25 C, 4VVIN12V IOUT = 10mA, TA = 25 C, 4.8VVIN12V IOUT = 10mA, TA = 25 C, 6.5VVIN12V IO = 10mA,VOUT+1.5Vo o o o o o o
Min
1.225 1.470 1.764 2.450 3.235 4.900
Typ.
1.250 1.500 1.800 2.500 3.300 5.000
Max
1.275 1.530 1.836 2.550 3.365 5.100 0.2 1
Unit
V V V V V V % % mV mV mV mV mV V A
12 15 20 26 40 1.3 1. 1 5 0.008 60 0.5 164 107 73 78 60 42 15 12 3.5 3.5
15 18 25 33 50 1.4
AP1117-ADJ/1.5/1.8 /2.5/3.3/5.0 AP1117-ADJ/1.5/1.8 /2.5/3.3/5.0 AP1117-XXX
o
10 0.04 70
mA %/W dB %
JA Thermal Resistance
Junction-to-Ambient
JC Thermal Resistance
Junction-to-Case
Notes:
TA = 25 C, 30ms pulse F = 180Hz, COUT = 25uF Tantalum, IOUT = 1A AP1117-XXX VIN = VOUT+3V IO = 10mA SOT89-3L: Control Circuitry/Power Transistor (Note 7) SOT223-3L: Control Circuitry/Power Transistor (Note 8) TO252-3L: Control Circuitry/Power Transistor (Note 7) TO220-3L: Control Circuitry/Power Transistor (Note 7) TO263-3L: Control Circuitry/Power Transistor (Note 7) SOT89-3L: Control Circuitry/Power Transistor (Note 7) SOT223-3L: Control Circuitry/Power Transistor (Note 8) TO252-3L: Control Circuitry/Power Transistor (Note 7) TO220-3L: Control Circuitry/Power Transistor (Note 7) TO263-3L: Control Circuitry/Power Transistor (Note 7)
oC/W
oC/W
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. 5. Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is determined by the difference between input and output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. 6. Quiescent current is defined as the minimum output current required in maintaining regulation. At 12V input/output differential the device is guaranteed to regulate if the output current is greater than 10mA. 7. Test conditions for SOT89-3L, TO220-3L, TO252-3L and TO263-3L: Devices mounted on FR-4 substrate, single sided PC board, 2oz copper, with minimum recommended pad layout, no air flow. The case point of JC is located on the thermal tab. 8. Test conditions for SOT223-3L: Devices mounted on FR-4 substrate, single sided PC board, 2oz copper, with 5mmx5mm thermal pad layout, no air flow. The case point of JC is located on the thermal tab.
AP1117 Rev. 19 DS31009
5 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Typical Performance Characteristics
2. 0 1. 8 0.20
Output Voltage Deviation (%)
1. 6
0 I load=800mA
Dropout Voltage (V)
1. 4 1. 2 1. 0 0. 8 0. 6 0. 4 0. 2 0 0 Tj = 125 oC Tj = 25 oC
-0.20
-0.40
-0.80
Dropout Voltage vs Output Current
2 1.5 1 0.8
Output Current (mA)
250
500
750
1000
-1
-40
0
Load Regulation vs Temperature
Temperature (oC)
25
50
75
100
125
Output Voltage Change (%)
1 0. 5 0 -0.5 -1 -1.5 -2 -40 -25 0 25 50 75 100 125 150
Output Voltage Deviation (%)
0.6
0.4
0.2
0
Percent Change in Output Voltage vs Temperature
Output Voltage Deviation (mV) Input Voltage (V) Load Current (A) Output Voltage Deviation (mV) 7.5 6.5 5.5 40 20 0 -20 -40 Cin=1uF Cout=10uF Tantalum 30 20 10 0 -10 -20 2 1 0 -1 0 10 20
Temperature (oC)
2
4
Line Regulation
C in = 1uF C out = 10 uF Tantalum Preload = 100mA
Input Voltage (V)
6
8
10
12
0
20
40
60
Line Transient Response
TIME (us)
80
100 120 140 160 180 200
30
Load Transient Response
TIME (us)
40
50
60
70
80
90
100
AP1117 Rev. 19 DS31009
6 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Marking Information
(1) SOT223-3L
( Top View )
Logo
Part Number 1117 for ADJ 17-VV:15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5.0V
YWX 1 7-VV
Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z repersents 52 and 53 week X : Internal code a~z : Lead Free A~Z : Green
(2) TO252-3L
( Top View ) Logo
Part Number 1117 for ADJ 17-VV:15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5.0V
17-VV YY WW X X
L : Lead Free G : Green YY : Year : 01~09 WW : Week : 01~52, 52 represents 52 and 53 week X : Internal Code
AP1117 Rev. 19 DS31009
7 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Marking Information
(3) SOT89-3L
(Continued)
( Top View ) XX YWX
1 2 3
XX : Identification code Y : Year : 0~9 W : Week : A~Z : 1~26 week; a~z : 27~52 week; z represents 52 and 53 week X : Internal code a~z : Lead Free A~Z : Green
Marking Code Table Identification Code DA DB DC DD DE DF Output Version AP1117-ADJ AP1117-1.5V AP1117-1.8V AP1117-2.5V AP1117-3.3V AP1117-5.0V
(4) TO263-3L
( Top View )
Logo Part Number VV: 15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5.0V Blank for ADJ
1117-VV YY WW X X
L : Lead Free G : Green YY : Year : 01~09 WW : Week : 01~52, 52 represents X : Internal code
52 and 53 week
AP1117 Rev. 19 DS31009
8 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Marking Information
(5) TO220-3L
(Continued)
( Top View )
Logo Part Number 1117 for ADJ 17-VV : 15 for 1.5V 18 for 1.8V 25 for 2.5V 33 for 3.3V 50 for 5.0V
L : Lead Free G : Green
17 - VV YY WW X X
YY : Year : 01~09 WW : Week : 01~52, 52 represents
52 and 53 week
X : Internal code
Package Information
(1) Package Type: SOT223-3L
(All Dimensions in mm)
AP1117 Rev. 19 DS31009
9 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Package Information
(2) Package Type: TO252-3L
(Continued)
0.88/1.27
5.6
6.354/6.80 Typ 6.58 5.20/5.50 Typ 5.35
5.40/6.20 Typ 5.57
11.0
5.6
2.25 2.0
7.2 1.2 9.00/10.40 Typ 9.70 2.18/2.40 Typ 2.29 SEE NOTE2 SEATING PLANE 0.45/0.58 Typ 0.52
1.7 0.4 1.9 1.3 50 (2x) 2.7
0.61 Typ
2.28 BSC. 4.57 BSC.
0.64/1.02 Typ 0.83
Land Pattern Recommendation (Unit: mm)
0.89/ 1.14
0.45/0.58 Typ 0.52
0.51
(3) Package Type: SOT89-3L
1.40/1.75 Typ 1.60
2.35/2.60 Typ 2.48 1.45/1.55 Typ 1.50 2.90/3.10 Typ 3.00 80 (2x) 4.40/4.60 Typ 4.50 0.80/ 1.20
3.94/4.25 1.40/1.60 Typ 1.50 0.35/0.43 Typ 0.39
1.5 0.9 Land Pattern Recommendation (Unit: mm)
0.36/0.48 0.41/0.53 0.36/0.48 Typ 0.42 Typ 0.47 Typ 0.42
AP1117 Rev. 19 DS31009
10 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Package Information
(4) Package Type: TO263-3L
(Continued)
2.92 Typ 1.30
9.65/10.29 Typ 9.97
10.9
14.61/15.88 Typ 15.24
8.65/9.65 Typ 9.15
9.1
1.27/ 1.78 Typ 1.52
2.54 BSC.
1.3
2.54
0.51/0.99 Typ 0.75 1.14/1.40 Typ1.27
Land Pattern Recom m endation (Unit: m m )
0.38 Typ 4.06/4.83 Typ 4.45
(5) Package Type: TO220-3L
2.54/3.43 Typ 2.98 9.70/10.70 Typ 10.20 O3.53/4.09 Typ 3.81 5.84/6.86 Typ 6.35 3.55/4.85 Typ 4.20 0.51/1.40 Typ 0.95 SEATING PLANE
14.20/16.50 Typ 15.35
3.66/6.35 Typ 5.00 12.72/14.72 Typ 13.72
1.14/1.78 Typ 1.46
4.83/5.33 Typ 5.08
0.31/1.14 0.51/1.14 Typ 0. 72 Typ 0.83 2.99/2.79 Typ 2.54
2.03/2.92 Typ2.48
AP1117 Rev. 19 DS31009
11 of 12 www.diodes.com
1.14/1.40 Typ 1.27
2.28/2.80 Typ 2.54
3
15.7
JANUARY 2010
(c) Diodes Incorporated
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
IMPORTANT NOTICE DIODES INCORPORATED MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARDS TO THIS DOCUMENT, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION). Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. Diodes Incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does Diodes Incorporated convey any license under its patent or trademark rights, nor the rights of others. Any Customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on Diodes Incorporated website, harmless against all damages. Diodes Incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. Should Customers purchase or use Diodes Incorporated products for any unintended or unauthorized application, Customers shall indemnify and hold Diodes Incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. Products described herein may be covered by one or more United States, international or foreign patents pending. Product names and markings noted herein may also be covered by one or more United States, international or foreign trademarks. LIFE SUPPORT Diodes Incorporated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the Chief Executive Officer of Diodes Incorporated. As used herein: A. Life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. B. A critical component is any component in a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or to affect its safety or effectiveness.
Customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support devices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-related requirements concerning their products and any use of Diodes Incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or systems-related information or support that may be provided by Diodes Incorporated. Further, Customers must fully indemnify Diodes Incorporated and its representatives against any damages arising out of the use of Diodes Incorporated products in such safety-critical, life support devices or systems. Copyright (c) 2009, Diodes Incorporated www.diodes.com
AP1117 Rev. 19 DS31009
12 of 12 www.diodes.com
JANUARY 2010
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of AP1117DXXL-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X